Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
 

To Download MAX630CPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-0915; Rev 2; 9/08
CMOS Micropower Step-Up Switching Regulator
General Description
Maxim's MAX630 and MAX4193 CMOS DC-DC regulators are designed for simple, efficient, minimum-size DC-DC converter circuits in the 5mW to 5W range. The MAX630 and MAX4193 provide all control and power handling functions in a compact 8-pin package: a 1.31V bandgap reference, an oscillator, a voltage comparator, and a 375mA N-channel output MOSFET. A comparator is also provided for low-battery detection. Operating current is only 70A and is nearly independent of output switch current or duty cycle. A logic-level input shuts down the regulator to less than 1A quiescent current. Low-current operation ensures high efficiency even in low-power battery-operated systems. The MAX630 and MAX4193 are compatible with most battery voltages, operating from 2.0V to 16.5V. The devices are pin compatible with the Raytheon bipolar circuits, RC4191/2/3, while providing significantly improved efficiency and low-voltage operation. Maxim also manufactures the MAX631, MAX632, and MAX633 DC-DC converters, which reduce the external component count in fixed-output 5V, 12V, and 15V circuits. See Table 2 at the end of this data sheet for a summary of other Maxim DC-DC converters.
Features
High Efficiency--85% (typ) 70A Typical Operating Current 1A Maximum Quiescent Current 2.0V to 16.5V Operation 525mA (Peak) Onboard Drive Capability 1.5% Output Voltage Accuracy (MAX630) Low-Battery Detector Compact 8-Pin Mini-DIP and SO Packages Pin Compatible with RC4191/2/3
MAX630/MAX4193
Ordering Information
PART MAX630CPA MAX630CSA MAX630CJA MAX630EPA MAX630ESA MAX630EJA MAX630MJA MAX630MSA/PR MAX630MSA/PR-T MAX4193C/D MAX4193CPA MAX4193CSA MAX4193CJA MAX4193EPA MAX4193ESA MAX4193EJA MAX4193MJA TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PINPACKAGE 8 PDIP 8 SO 8 CERDIP 8 PDIP 8 SO 8 CERDIP 8 CERDIP** 8 SO 8 SO Dice* 8 PDIP 8 SO 8 CERDIP 8 PDIP 8 SO 8 CERDIP 8 CERDIP**
Applications
+5V to +15V DC-DC Converters High-Efficiency Battery-Powered DC-DC Converters +3V to +5V DC-DC Converters 9V Battery Life Extension Uninterruptible 5V Power Supplies 5mW to 5W Switch-Mode Power Supplies
Typical Operating Circuit
+5V IN 470H 6 IC 8 LBD 5 +VS LX 3
*Dice are specified at TA = +25C. Contact factory for dice specifications. **Contact factory for availability and processing to MIL-STD-883. Contact factory for availibility.
Pin Configuration
TOP VIEW
LBR 1
VFB 7 +15V OUT
MAX630
1 LBR CX 2 GND 4
8 LBD 7 VFB 6 IC
CX LX
2 3
MAX630 MAX4193
47pF
GND 4
+5 TO +15V CONVERTER
5 +VS
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .......................................................................18V Storage Temperature Range ............................-65C to +160C Lead Temperature (soldering, 10s) .................................+300C Operating Temperature Range MAX630C, MAX4193C........................................0C to +70C MAX630E, MAX4193E .....................................-40C to +85C MAX630M, MAX4193M..................................-55C to +125C Power Dissipation 8-Pin PDIP (derate 6.25mW/C above +50C).............468mW 8-Pin SO (derate 5.88mW/C above +50C)................441mW 8-Pin CERDIP (derate 8.33mW/C above +50C)........833mW Input Voltage (Pins 1, 2, 6, 7) .....................-0.3V to (+VS + 0.3V) Output Voltage, LX and LBD ..................................................18V LX Output Current ..................................................525mA (Peak) LBD Output Current ............................................................50mA
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(+VS = +6.0V, TA = +25C, IC = 5.0A, unless otherwise noted.)
PARAMETER Supply Voltage Internal Reference Voltage Switch Current Supply Current (at Pin 5) Efficiency Line Regulation Load Regulation Operating Frequency Range Reference Set Internal Pulldown Resistance Reference Set Input Voltage Threshold Switch Current Switch Leakage Current Supply Current (Shutdown) Low-Battery Bias Current Capacitor Charging Current CX+ Threshold Voltage CX- Threshold Voltage VFB Input Bias Current Low-Battery Detector Output Current Low-Battery Detector Output Leakage IFB ILBD ILBDO V8 = 0.4V, V1 = 1.1V V8 = 16.5V, V1 = 1.4V 250 FO RIC VIC ISW ICO ISO ILBR ICX V3 = 1.0V V3 = 16.5V IC < 0.01A 0.5V0 < VS < V0 (Note 1) VS = +5V, PLOAD = 0 to 150mW (Note 1) (Note 2) V 6 = VS 0.1 0.5 0.2 100 0.01 0.01 0.01 30 +VS - 0.1 0.1 0.01 600 0.01 5.0 10 250 1.0 1.0 10 SYMBOL +VS VREF ISW IS V3 = 400mV I3 = 0mA CONDITIONS Operating Startup MAX630 MIN 2.0 1.9 1.29 75 1.31 150 70 85 0.08 0.2 40 1.5 0.8 0.2 0.5 75 10 1.3 0.1 0.5 0.2 100 0.01 0.01 0.01 30 +VS - 0.1 0.1 0.01 600 0.01 5.0 10 5.0 5.0 10 125 1.33 TYP MAX 16.5 MIN 2.4 1.24 75 1.31 150 90 85 0.06 0.2 25 1.5 0.8 0.5 0.5 75 10 1.3 MAX4193 TYP MAX 16.5 1.38 UNITS V V mA A % % VOUT % VOUT kHz M V mA A A nA A V V nA A A
2
_______________________________________________________________________________________
CMOS Micropower Step-Up Switching Regulator
ELECTRICAL CHARACTERISTICS
(+VS = +6.0V, TA = Full Operating Temperature Range, IC = 5.0A, unless otherwise noted.)
PARAMETER Supply Voltage Internal Reference Voltage Supply Current (Pin 5) Line Regulation Load Regulation SYMBOL +VS VREF IS I3 = 0mA 0.5V0UT < VS < V0UT (Note 1) VS = 0.5V0, PL = 0 to 150mW (Note 1) 0C TA +70C Reference Set Internal Pulldown Resistance RIC V 6 = VS -40C TA +85C -55C TA +125C Reference Set Input Voltage Threshold Switch Leakage Current Supply Current (Shutdown) Low-Battery Detector Output Current VIC ICO ISO ILBD V3 = 16.5V IC < 0.01A V8 = 0.4V, V1 = 1.1V 250 0.45 0.4 0.3 0.2 CONDITIONS MAX630 MIN 2.2 1.25 1.31 70 0.2 0.5 1.5 1.5 1.5 0.8 0.1 0.01 600 TYP MAX 16.5 1.37 200 0.5 1.0 10 10 10 1.3 30 10 250 0.45 0.4 0.3 0.2 MIN 3.5 1.20 1.31 90 0.5 0.5 1.5 1.5 1.5 0.8 0.1 0.01 600 MAX4193 TYP MAX 16.5 1.42 300 1.0 1.0 10 10 10 1.3 30 30 V A A A M UNITS V V A % VOUT % VOUT
MAX630/MAX4193
Note 1: Guaranteed by correlation with DC pulse measurements. Note 2: The operating frequency range is guaranteed by design and verified with sample testing.
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
LX ON-RESISTANCE vs. TEMPERATURE
MAX630/4193 toc01
SUPPLY CURRENT vs. TEMPERATURE
MAX630/4193 toc02
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX630/4193 toc03
8
140 120 100 IS (A)
300 250 200 IS (A) 150 100 50
6 +VS = 2.5V LX RON () 4 +VS = 6V 2 +VS = 16V 0 -50 -25 0 25 50 75
80 60 40 20 0
100 125
-50
-25
0
25
50
75
100 125
2
4
6
8
10
12
14
16
TEMPERATURE (C)
TEMPERATURE (C)
+VS (V)
_______________________________________________________________________________________
3
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
Pin Description
PIN 1 2 3 4 5 6 NAME LBR CX LX GND +VS IC FUNCTION Low-Battery Detection Comparator Input. The LBD output, pin 8, sinks current whenever this pin is below the low-battery detector threshold, typically 1.31V. An external capacitor connected between this terminal and ground sets the oscillator frequency. 47pF = 40 kHz. This pin drives the external inductor. The internal N-channel MOSFET that drives LX has an output resistance of 4 and a peak current rating of 525mA. Ground The positive supply voltage, from 2.0V to 16.5V (MAX630). The MAX630/MAX4193 shut down when this pin is left floating or is driven below 0.2V. For normal operation, connect IC directly to +VS or drive it high with either a CMOS gate or pullup resistor connected to +VS. The supply current is typically 10nA in the shutdown mode The output voltage is set by an external resistive divider connected from the converter output to VFB and ground. The MAX630/MAX4193 pulse the LX output whenever the voltage at this terminal is less than 1.31V. The Low-Battery Detector output is an open-drain N-channel MOSFET that sinks up to 600A (typ) whenever the LBR input, pin 1, is below 1.31V.
7
VFB
8
LBD
Detailed Description
The operation of the MAX630 can best be understood by examining the voltage regulating loop of Figure 1. R1 and R2 divide the output voltage, which is compared with the 1.3V internal reference by comparator COMP1. When the output voltage is lower than desired, the comparator output goes high and the oscillator output pulses are passed through the NOR gate latch, turning on the output N-channel MOSFET at pin 3, LX. As long as the output voltage is less than the desired voltage, pin 3 drives the inductor with a series of pulses at the oscillator frequency. Each time the output N-channel MOSFET is turned on, the current through the external coil, L1, increases, storing energy in the coil. Each time the output turns off, the voltage across the coil reverses sign and the voltage at LX rises until the catch diode, D1, is forward biased, delivering power to the output. When the output voltage reaches the desired level, 1.31V x (1 + R1 / R2), the comparator output goes low and the inductor is no longer pulsed. Current is then supplied by the filter capacitor, C1, until the output voltage drops below the threshold, and once again LX is switched on, repeating the cycle. The average duty cycle at LX is directly proportional to the output current.
Output Driver (LX Pin)
The MAX630/MAX4193 output device is a large N-channel MOSFET with an on-resistance of 4 and a peak current rating of 525mA. One well-known advantage that MOSFETs have over bipolar transistors in switching applications is higher speed, which reduces switching losses and allows the use of smaller, lighter, less costly magnetic components. Also important is that MOSFETs, unlike bipolar transistors, do not require base current that, in low-power DC-DC converters, often accounts for a major portion of input power. The operating current of the MAX630 and MAX4193 increases by approximately 1A/kHz at maximum power output due to the charging current required by the gate capacitance of the LX output driver (e.g., 40A increase at a 40kHz operating frequency). In comparison, equivalent bipolar circuits typically drive their NPN LX output device with 2mA of base drive, causing the bipolar circuit's operating current to increase by a factor of 10 between no load and full load.
Oscillator
The oscillator frequency is set by a single external, lowcost ceramic capacitor connected to pin 2, CX. 47pF sets the oscillator to 40kHz, a reasonable compromise between lower switching losses at low frequencies and reduced inductor size at higher frequencies.
4
_______________________________________________________________________________________
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
LOW BATTERY INPUT +5V INPUT R3 169k
1 LBR R4 100k COMP 2 1.31V
MAX630
LBD 8
LOW-BATTERY OUTPUT (LOW IF INPUT < 3V)
L1 470
2 CX
OSC 40kHz COMP 1
VFB 7
R2 47.5k R1 499k CC SHUTDOWN
3 LX RON 3 1.31V BANDGAP REFERENCE AND BIAS GENERATOR
IC 6 OPERATE +VS 5
D1 1N4148
4 GND
C1 470F 25V
+15V OUTPUT 20mA
Figure 1. +5V to +15V Converter and Block Diagram
Low-Battery Detector
The low-battery detector compares the voltage on LBR with the internal 1.31V reference. The output, LBD, is an open-drain N-channel MOSFET. In addition to detecting and warning of a low battery voltage, the comparator can also perform other voltage-monitoring operations such as power-failure detection. Another use of the low-battery detector is to lower the oscillator frequency when the input voltage goes below a specified level. Lowering the oscillator frequency increases the available output power, compensating for the decrease in available power caused by reduced input voltage (see Figure 5).
MAX630's analog circuitry, oscillator, LX, and LBD outputs are turned off. The device's quiescent current during shutdown is typically 10nA (1A max).
Bootstrapped Operation
In most circuits, the preferred source of +VS voltage for the MAX630 and MAX4193 is the boosted output voltage. This is often referred to as a "bootstrapped" operation since the circuit figuratively "lifts" itself up. The on-resistance of the N-channel LX output decreases with an increase in +VS; however, the device operating current goes up with +V S (see the Typical Operating Characteristics, IS vs. +VS graph). In circuits with very low output current and input voltages greater than 3V, it may be more efficient to connect +VS directly to the input voltage rather than bootstrap.
Logic-Level Shutdown Input
The shutdown mode is entered whenever IC (pin 6) is driven below 0.2V or left floating. When shut down, the
_______________________________________________________________________________________
5
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
External Components
Resistors
Since the LBR and VFB input bias currents are specified as 10nA (max), the current in the dividers R1/R2 and R3/R4 (Figure 1) may be as low as 1A without significantly affecting accuracy. Normally R2 and R4 are between 10k and 1M, which sets the current in the voltage-dividers in the 1.3A to 130A range. R1 and R3 can then be calculated as follows: V -1.31V 10 R2 1M R1 = R2 x OUT 1.31 V -1.31V 10 R4 1M R3 = R4 x LB 1.31 where VOUT is the desired output voltage and VLB is the desired low-battery warning threshold. If the IC (shutdown) input is pulled up through a resistor rather than connected directly to +VS , the current through the pullup resistor should be a minimum of 4A with IC at the input-high threshold of 1.3V: RIC + VS -1.3V 4A diode (D1) as well as that in the load. If the inductance is too low, the current at LX may exceed the maximum rating. The minimum allowed inductor value is expressed by: LMIN = VIN TON
IMAX
where IMAX 525mA (peak LX current) and tON is the on-time of the LX output. The most common MAX630 circuit is a boost-mode converter (Figure 1). When the N-channel output device is on, the current linearly rises since: di V = dt L At the end of the on-time (14s for 40kHz, 55% dutycycle oscillator) the current is: Ipk = V TON = 5V x14 s =150mA
L 470 H
The energy in the coil is:
Inductor Value
The available output current from a DC-DC voltage boost converter is a function of the input voltage, external inductor value, output voltage, and the operating frequency. The inductor must 1) have the correct inductance, 2) be able to handle the required peak currents, and 3) have acceptable series resistance and core losses. If the inductance is too high, the MAX630 will not be able to deliver the desired output power, even with the LX output on for every oscillator cycle. The available output power can be increased by either decreasing the inductance or the frequency. Reducing the frequency increases the on-period of the L X output, thereby increasing the peak inductor current. The available output power is increased since it is proportional to the square of the peak inductor current (IPK). L= (VIN TON )2 f 2POUT LIpk 2 f 2
E = LIpk
2
2
= 5.25J
At maximum load, this cycle is repeated 40,000 times per second, and the power transferred through the coil is 40,000 x 5.25 = 210mW. Since the coil only supplies the voltage above the input voltage, at 15V, the DC-DC converter can supply 210mW / (15V - 5V) = 21mA. The coil provides 210mW and the battery directly supplies another 105mW, for a total of 315mW of output power. If the load draws less than 21mA, the MAX630 turns on its output only often enough to keep the output voltage at a constant 15V. Reducing the inductor value increases the available output current: lower L increases the peak current, thereby increasing the available power. The external inductor required by the MAX630 is readily obtained from a variety of suppliers (Table 1). Standard coils are suitable for most applications.
Types of Inductors
Molded Inductors These are cylindrically wound coils that look similar to 1W resistors. They have the advantages of low cost and ease of handling, but have higher resistance, higher losses, and lower power handling capability than other types.
since : POUT =
and : Ipk = VIN TON L where POUT includes the power dissipated in the catch
6
_______________________________________________________________________________________
CMOS Micropower Step-Up Switching Regulator
Potted Toroidal Inductors A typical 1mH, 0.82 potted toroidal inductor (Dale TE3Q4TA) is 0.685in in diameter by 0.385in high and mounts directly onto a PC board by its leads. Such devices offer high efficiency and mounting ease, but at a somewhat higher cost than molded inductors. Ferrite Cores (Pot Cores) Pot cores are very popular as switch-mode inductors since they offer high performance and ease of design. The coils are generally wound on a plastic bobbin, which is then placed between two pot core sections. A simple clip to hold the core sections together completes the inductor. Smaller pot cores mount directly onto PC boards through the bobbin terminals. Cores come in a wide variety of sizes, often with the center posts ground down to provide an air gap. The gap prevents saturation while accurately defining the inductance per turn squared. Pot cores are suitable for all DC-DC converters, but are usually used in the higher power applications. They are also useful for experimentation since it is easy to wind coils onto the plastic bobbins. Toroidal Cores In volume production, the toroidal core offers high performance, low size and weight, and low cost. They are, however, slightly more difficult for prototyping, in that manually winding turns onto a toroid is more tedious than on the plastic bobbins used with pot cores. Toroids are more efficient for a given size since the flux is more evenly distributed than in a pot core, where the effective core area differs between the post, side, top, and bottom. Since it is difficult to gap a toroid, manufacturers produce toroids using a mixture of ferromagnetic powder (typically iron or Mo-Permalloy powder) and a binder. The permeability is controlled by varying the amount of binder, which changes the effective gap between the ferromagnetic particles. Mo-Permalloy powder (MPP) cores have lower losses and are recommended for the highest efficiency, while iron powder cores are lower cost.
MAX630/MAX4193
Diodes
In most MAX630 circuits, the inductor current returns to zero before LX turns on for the next output pulse. This allows the use of slow turn-off diodes. On the other hand, the diode current abruptly goes from zero to full peak current each time LX switches off (Figure 1, D1). To avoid excessive losses, the diode must therefore have a fast turn-on time. For low-power circuits with peak currents less than 100mA, signal diodes such as 1N4148s perform well. For higher-current circuits, or for maximum efficiency at low power, the 1N5817 series of Schottky diodes are recommended. Although 1N4001s and other generalpurpose rectifiers are rated for high currents, they are unacceptable because their slow turn-on time results in excessive losses.
Table 1. Coil and Core Manufacturers
MANUFACTURER MOLDED INDUCTORS Dale Nytronics TRW POTTED TOROIDAL INDUCTORS Dale TRW Torotel Prod. FERRITE CORES AND TOROIDS Allen Bradley Siemens Magnetics Stackpole Magnetics T0451S100A B64290-K38-X38 555130 57-3215 G-41408-25 Tor. core, 500nH/T2 Tor. core, 4H/T2 Tor. core, 53nH/T2 Pot core, 14mm x 18mm Pot core, 14 x 8, 250nH/T2 TE-3Q4TA MH-1 PT 53-18 1mH, 0.82 600H, 1.9 500H, 5 IHA-104 WEE-470 LL-500 500H, 0.5 470H, 10 500H, 0.75 TYPICAL PART NUMBER DESCRIPTION
Note:
This list does not constitute an endorsement by Maxim Integrated Products and is not intended to be a comprehensive list of all manufacturers of these components. _______________________________________________________________________________________ 7
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
Filter Capacitor
The output-voltage ripple has two components, with approximately 90 degrees phase difference between them. One component is created by the change in the capacitor's stored charge with each output pulse. The other ripple component is the product of the capacitor's charge/discharge current and its effective series resistance (ESR). With low-cost aluminum electrolytic capacitors, the ESR-produced ripple is generally larger than that caused by the change in charge. V VESR = IPK x ESR = IN xESR(Voltsp - p) 2Lf where VIN is the coil input voltage, L is its inductance, f is the oscillator frequency, and ESR is the equivalent series resistance of the filter capacitor. The output ripple resulting from the change in charge on the filter capacitor is: Q I where, Q = tDIS x PEAK 2 C VIN and, IPEAK = t CHG x L VIN (t CHG )(tDIS ) VdQ = 2LC VdQ = where tCHG and tDIS are the charge and discharge times for the inductor (1/2f can be used for nominal calculations). When large values (>50k) are used for the voltagesetting resistors, R1 and R2 of Figure 1, stray capacitance at the VFB input can add a lag to the feedback response, destabilizing the regulator, increasing lowfrequency ripple, and lowering efficiency. This can often be avoided by minimizing the stray capacitance at the VFB node. It can also be remedied by adding a lead compensation capacitor of 100pF to 10nF in parallel with R1 in Figure 1.
DC-DC Converter Configurations
DC-DC converters come in three basic topologies: buck, boost, and buck-boost (Figure 2). The MAX630 is usually operated in the positive-voltage boost circuit, where the output voltage is greater than the input. The boost circuit is used where the input voltage is always less than the desired output and the buck circuit is used where the input is greater than the output. The buck-boost circuit inverts, and can be used with, input
BOOST CONVERTER +
VBATT
S1
CONTROL SECTION
VOUT > VBATT
-
Oscillator Capacitor, CX
The oscillator capacitor, CX, is a noncritical ceramic or silver mica capacitor. CX can also be calculated by: CX = 2.14 X10 -6 - CINT (CINT 5pF, see text) f
S1
BUCK CONVERTER +
VBATT
CONTROL SECTION
VOUT < VBATT
where f is the desired operating frequency in Hertz, and CINT is the sum of the stray capacitance on the CX pin and the internal capacitance of the package. The internal capacitance is typically 1pF for the plastic package and 3pF for the CERDIP package. Typical stray capacitances are about 3pF for normal PC board layouts, but will be significantly higher if a socket is used. Bypassing and Compensation Since the inductor-charging current can be relatively large, high currents can flow through the ground connection of the MAX630/MAX4193. To prevent unwanted feedback, the impedance of the ground path must be as low as possible, and supply bypassing should be used for the device.
8
-
BUCK-BOOST CONVERTER S1 -
VBATT
CONTROL SECTION
|VOUT| < OR > VBATT
+
Figure 2. DC-DC Converter Configurations
_______________________________________________________________________________________
CMOS Micropower Step-Up Switching Regulator
voltages that are either greater or less than the output. DC-DC converters can also be classified by the control method. The two most common are pulse-width modulation (PWM) and pulse-frequency modulation (PFM). PWM switch-mode power-supply ICs (of which currentmode control is one variant) are well-established in high-power off-line switchers. Both PWM and PFM circuits control the output voltage by varying duty cycle. In the PWM circuit, the frequency is held constant and the width of each pulse is varied. In the PFM circuit, the pulse width is held constant and duty cycle is controlled by changing the pulse repetition rate. The MAX630 refines the basic PFM by employing a constant-frequency oscillator. Its output MOSFET is switched on when the oscillator is high and the output voltages is lower than desired. If the output voltage is higher than desired, the MOSFET output is disabled for that oscillator cycle. This pulse skipping varies the average duty cycle, and thereby controls the output voltage. Note that, unlike the PWM ICs, which use an op amp as the control element, the MAX630 uses a comparator to compare the output voltage to an onboard reference. This reduces the number of external components and operating current.
MAX630/MAX4193
+5V 6 1M 7 95.3k VFB 5 IC +VS
330F 25V
MAX630
LX 2 47pF GND 4 LBD 8 N.C. ALL DIODES IN4148 1 :3 :3 220H PRIMARY 14 x 8mm POT CORE CX 3 330F 25V
GND
1
Figure 3. +5V to 15V Converter
cally varying from -13.6V to -14.4V as the +15V load current changes from no load to 20mA.
Typical Applications
+5V to +15V DC-DC Converter
Figure 1 shows a simple circuit that generates +15V at approximately 20mA from a +5V input. The MAX630 has a 1.5% reference accuracy, so the output voltage has an untrimmed accuracy of 3.5% if R1 and R2 are 1% resistors. Other output voltages can also be selected by changing the feedback resistors. Capacitor CX sets the oscillator frequency (47pF = 40kHz), while C1 limits output ripple to about 50mV. With a low-cost molded inductor, the circuit's efficiency is about 75%, but an inductor with lower series resistance such as the Dale TE3Q4TA increases efficiency to around 85%. A key to high efficiency is that the MAX630 itself is powered from the +15V output. This provides the onboard N-channel output device with 15V gate drive, lowering its on-resistance to about 4. When +5V power is first applied, current flows through L1 and D1, supplying the MAX630 with 4.4V for startup.
2.5W, 3V to 5V DC-DC Converter
Some systems, although battery powered, need high currents for short periods, and then shut down to a lowpower state. The extra circuitry of Figure 4 is designed to meet these high-current needs. Operating in the buckboost or flyback mode, the circuit converts -3V to +5V. The left side of Figure 4 is similar to Figure 1 and supplies 15V for the gate drive of the external power MOSFET. This 15V gate drive ensures that the external device is completely turned on and has low on-resistance. The right side of Figure 4 is a -3V to +5V buck-boost converter. This circuit has the advantage that when the MAX630 is turned off, the output voltage falls to 0V, unlike the standard boost circuit, where the output voltage is VBATT - 0.6V when the converter is shut down. When shut down, this circuit uses less than 10A, with most of the current being the leakage current of the power MOSFET. The inductor and output-filter capacitor values have been selected to accommodate the increased power levels. With the values indicated, this circuit can supply up to 500mA at 5V, with 85% efficiency. Since the left side of the circuit powers only the right-hand MAX630, the circuit starts up with battery voltages as low as 1.5V, independent of the loading on the +5V output.
+5V to 15V DC-DC Converter
The circuit in Figure 3 is similar to that of Figure 1 except that two more windings are added to the inductor. The 1408 (14mm x 8mm) pot core specified is an IEC standard size available from many manufacturers (see Table 1). The -15V output is semiregulated, typi-
_______________________________________________________________________________________
9
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
+3V Battery to +5V DC-DC Converter
A common power-supply requirement involves conversion of a 2.4V or 3V battery voltage to a 5V logic supply. The circuit in Figure 5 converts 3V to 5V at 40mA with 85% efficiency. When IC (pin 6) is driven low, the output voltage will be the battery voltage minus the drop across diode D1. The optional circuitry using C1, R3, and R4 lowers the oscillator frequency when the battery voltage falls to 2.0V. This lower frequency maintains the output-power capability of the circuit by increasing the peak inductor current, compensating for the reduced battery voltage. The MAX630's low-battery detector monitors the linepowered +5V, and the LBD output can be used to shut down unnecessary sections of the system during power failures. Alternatively, the low-battery detector could monitor the NiCad battery voltage and provide warning of power loss when the battery is nearly discharged. Unlike battery backup systems that use 9V batteries, this circuit does not need +12V or +15V to recharge the battery. Consequently, it can be used to provide +5V backup on modules or circuit cards that only have 5V available.
9V Battery Life Extender
Figure 7's circuit provides a minimum of 7V until the 9V battery voltage falls to less than 2V. When the battery voltage is above 7V, the MAX630's IC pin is low, putting it into the shutdown mode that draws only 10nA. When the battery voltage falls to 7V, the MAX8212 voltage detector's output goes high, enabling the MAX630. The MAX630 then maintains the output voltage at 7V, even as the battery voltage falls below 7V. The LBD is used to decrease the oscillator frequency when the battery voltage falls to 3V, thereby increasing the output current capability of the circuit.
Uninterruptable +5V Supply
In Figure 6, the MAX630 provides a continuous supply of regulated +5V, with automatic switchover between line power and battery backup. When the line-powered input voltage is at +5V, it provides 4.4V to the MAX630 and trickle charges the battery. If the line-powered input falls below the battery voltage, the 3.6V battery supplies power to the MAX630, which boosts the battery voltage up to +5V, thus maintaining a continuous supply to the uninterruptable +5V bus. Since the +5V output is always supplied through the MAX630, there are no power spikes or glitches during power transfer.
+12V 47F 25V 1N4148 SHUTDOWN 10k 6 IC 5 +VS
3 OPERATE 499k 2mH 6 IC 7 2
LX CX
MAX630
VFB 7
280k
47pF
GND 4
100k 33H 1N5817
3 5
LX +VS CX
MAX630
+5V AT 0.5A
3V LITHIUM CELL
VFB
2
GND 4
1/6 4069 47.6k
IRF543 470F
47pF
SECTION 1
SECTION 2
Figure 4. High-Power 3V to 5V Converter with Shutdown 10 ______________________________________________________________________________________
CMOS Micropower Step-Up Switching Regulator
Note that this circuit (with or without the MAX8212) can be used to provide 5V from four alkaline cells. The initial voltage is approximately 6V, and the output is maintained at 5V even when the battery voltage falls to less than 2V. output from a 9V battery. The reference for the -15V output is derived from the positive output through R3 and R4. Both regulators are set to maximize output power at low-battery voltage by reducing the oscillator frequency, through LBR, when VBATT falls to 7.2V.
MAX630/MAX4193
Dual-Tracking Regulator
A MAX634 inverting regulator is combined with a MAX630 in Figure 8 to provide a dual-tracking 15V
LINE-POWERED +5V INPUT LX 470H 3V R3 249k 1 R4 499k LBD 8 C1 100pF CX 47pF CX 2 LBR 3 LX 1N4148 +5V OUT 470F 15V 1N5817 680 5 6 7 R2 200k R1 540k 200k 1 100k 3 LX 1N4001 470H 1N5817 UNINTERRUPTABLE +5V OUTPUT 470F 15V
MAX630 +VS
IC VFB GND 4
3.6V NICAD BATTERY
MAX630
LBR
+VS IC
5 6 7 100k 280k
8
LBD GND 4
VFB CX 2
47pF
POWER FAIL
Figure 5. 3V to 5V Converter with Low-Battery Frequency Shift
Figure 6. Uninterruptable +5V Supply
1.0mH
9V BATTERY 2.4M 8 1.3M 10M
1M 3 LX 5 +VS IC 6 7 2M
470F 25V
MAX8212
2 3 HYST THRESHOLD 1M OUT 1
MAX630
LBR VFB
390k GND 5
LBD 8 100pF
CX 2
GND 4
560k
47pF
Figure 7. Battery Life Extension Down to 3V In
______________________________________________________________________________________
11
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
R3 100k R4 100k INPUT, 9V BATTERY
NEG OUT -12V, 15mA 150F
1N914 N.C. 250H 5 8 7 6 LX VFB VREF +VS GND 4 R5 100k 4 5 +VS IC
500H
IN914 330F 3 LX 7 VFB R1 82k
POS OUT +12V, 45mA
6
MAX634
CX 3 150pF 68pF R6 18k LBD 2
GND CX 2
MAX630
LBD 8 100pF 47pF LBR 1
R2 10k
Figure 8. 12V Dual-Tracking Regulator
Table 2. Maxim DC-DC Converters
DEVICE ICL7660 MAX4193 MAX630 MAX631 MAX632 MAX633 MAX4391 MAX634 MAX635 MAX636 MAX637 MAX638 MAX641 MAX642 MAX643 DESCRIPTION Charge-Pump Voltage Inverter DC-DC Boost Converter DC-DC Boost Converter DC-DC Boost Converter DC-DC Boost Converter DC-DC Boost Converter DC-DC Voltage Inverter DC-DC Voltage Inverter DC-DC Voltage Inverter DC-DC Voltage Inverter DC-DC Voltage Inverter DC-DC Voltage Step-Down High-Power Boost Converter High-Power Boost Converter High-Power Boost Converter INPUT VOLTAGE 1.5V to 10V 2.4V to 16.5V 2.0V to 16.5V 1.5V to 5.6V 1.5V to 12.6V 1.5V to 15.6V 4V to 16.5V 2.3V to 16.5V 2.3V to 16.5V 2.3V to 16.5V 2.3V to 16.5V 3V to 16.5V 1.5V to 5.6V 1.5V to 12.6V 1.5V to 15.6V OUTPUT VOLTAGE -VIN VOUT > VIN VOUT > VIN +5V +12V +15V Up to -20V Up to -20V -5V -12V -15V VOUT < VIN +5V +12V +15V COMMENTS Not regulated RC4193 2nd source Improved RC4191 2nd source Only 2 external components Only 2 external components Only 2 external components RC4391 2nd source Improved RC4391 2nd source Only 3 external components Only 3 external components Only 3 external components Only 3 external components Drives external MOSFET Drives external MOSFET Drives external MOSFET
12
______________________________________________________________________________________
CMOS Micropower Step-Up Switching Regulator
Chip Topography Package Information
For the latest package outline information, go to www.maxim-ic.com/packages.
PACKAGE TYPE
LBR 1 7 VFB
MAX630/MAX4193
PACKAGE CODE P8-T S8-4 J8-2
DOCUMENT NO. 21-0043 21-0041 21-0045
8 PDIP 8 SO 8 CERDIP
6 CX 2
IC
0.089" (2.26mm)
LX
3
4 GND
4 GND 0.070" (1.78mm)
5 +VS
______________________________________________________________________________________
13
CMOS Micropower Step-Up Switching Regulator MAX630/MAX4193
Revision History
REVISION NUMBER 2 REVISION DATE 9/08 DESCRIPTION Added information for rugged plastic product PAGES CHANGED 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2008 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX630CPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X